Part Number Hot Search : 
ZM4744 DTA144 PR100 C101A 1N472 N3905 SP312ECA LAS1508
Product Description
Full Text Search
 

To Download 0912360001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/21/2013 please check www.molex.com for latest part information part number: 91236-0001 status: active overview: chipsim connectors and cardholders description: 2.54mm pitch sim card holder with ejector, 6 circuits, vertical fascia documents: 3d model packaging specification pk-91236-001 (pdf) drawing (pdf) test summary str-1229 (pdf) product specification ps-99020-0071 (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family memory card sockets series 91236 comments vertical face component type card holder (host) overview chipsim connectors and cardholders product name chipsim, sim style push-push type n/a upc 800753654150 physical card detection switch n/a circuits (loaded) 6 color - resin black durability (mating cycles max) 5,000 ejector button no ejector button side n/a entry angle vertical (top entry) flammability 94v-0 keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination nickel material - resin polyester net weight 0.677/g pcb locator no pcb mounting side n/a pcb retention none packaging type bag pitch - mating interface 2.54mm plating min - mating 0.102m plating min - termination 1.270m ports 1 temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 50v solder process data duration at max. process temperature (seconds) 5 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 91236 series use with card holder 91228
lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 240 material info reference - drawing numbers packaging specification pk-91236-001 product specification ps-99020-0071 sales drawing sda-91236 test summary str-1229 this document was generated on 06/21/2013 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0912360001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X